PART |
Description |
Maker |
MX23L6454 |
64M-BIT Low Voltage / Serial Mask ROM Memory with 50MHz SPI Bus Interface
|
Macronix International
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MAX5170AEEE-T MAX5170BEEE |
Low-Power, Serial, 14-Bit DACs with Voltage-Output SERIAL INPUT LOADING, 18 us SETTLING TIME, 14-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
LTC1418ACN LTC1418AIN LTC1418C LTC1418I LTC1418IN |
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O 低功耗,14位,高达200ksps的串行和并行I ADC的输输出 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-SOIC 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-TSSOP 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Low Power/ 14-Bit/ 200ksps ADC with Serial and Parallel I/O
|
Linear Technology, Corp.
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5712 MAX5712EUT MAX5712AUT |
12-Bit / Low-Power / Rail-to-Rail Voltage-Output Serial DAC in SOT23 From old datasheet system Digital to Analog Converter - Datasheet Reference 12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23 12-Bit Low-Power Rail-to-Rail Voltage-Output Serial DAC in SOT23 "12-Bit, Low-Power, Rail-to-Rail Voltage- Output Serial DAC in SOT23"
|
Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
M390S6450AT1 |
64M x 72 SDRAM DIMM with PLL & Register based on 64M x 4, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD Serial Presence Detect
|
Samsung Electronic
|
MAX5158 MAX5158CEE MAX5158CPE MAX5158EEE MAX5158EP |
Low-Power Dual 10-Bit Voltage-Output DACs with Serial Interface Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface Low-Power.Dual.10-Bit.Voltage-Output DACs with Serial Interface 低功耗、双路0位、电压输出DAC,串行接
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
W25X16AVSNIG W25X16AVSSIG W25X16ALSFIG W25X16AVSFI |
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI 16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond http://
|
|